PART |
Description |
Maker |
3971150044 3970350000 3970350044 3970500000 397050 |
SUBMINIATURE FUSES
|
LITTELFUSE[Littelfuse]
|
395 |
SUBMINIATURE FUSES
|
LITTELFUSE[Littelfuse]
|
370 |
SUBMINIATURE FUSES
|
Littelfuse, Inc.
|
40012500000 40012500075 40012500440 40012000000 40 |
Subminiature Fuses
|
Littelfuse
|
373 |
SUBMINIATURE FUSES
|
LITTELFUSE[Littelfuse]
|
3721160041 3720315041 3721250000 3721125000 372125 |
SUBMINIATURE FUSES 微型保险
|
Littelfuse, Inc.
|
TVSS-5 SS-5-1A-AP1 SS-5-2.5A-BK1 SS-5-2.5A-AP SS-5 |
TIME DELAY BLOW ELECTRIC FUSE, 1A, 250VAC, 35A (IR), THROUGH HOLE ROHS COMPLIANT TIME DELAY BLOW ELECTRIC FUSE, 2.5A, 250VAC, 35A (IR), THROUGH HOLE PC Board Fuse; Current Rating:400mA-6.3A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Time Delay; Interrupting Current Max:35A; Packaging:Bulk; Voltage Rating:250V RoHS Compliant: Yes Subminiature Fuses Subminiature Fuses SS-5 Series, Time-Delay
|
Cooper Bussmann, Inc. COOPER INDUSTRIES List of Unclassifed Man...
|
2292.25P 2302.25P 229006P 230006P 229.350P 230.350 |
Switch Axial Lead and Cartridge Fuses - Subminiature Glass Body 轴向引线和墨盒保险丝-微型玻璃
|
Littelfuse, Inc.
|
20302.5 203 203.250 203.500 203.750 203001 203002 |
MB 39C 37#20 2#16 SKT RECP Surface Mount Fuses - Subminiature Surface Mount & Dip Types Surface Mount Fuse - Subminiature Surface Mount & Dip Types
|
LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
25C320E/P 25C320E/SN 25C320E/ST 25C320E/ST14 25LC3 |
Fuses, 750mA 125V F CHIP 1206 32K的SPI总线串行EEPROM Fuses, 2A 125V F CHIP 1206 32K的SPI总线串行EEPROM SENSOR REFLECTIVE OBJECT 50MA 32K的SPI总线串行EEPROM LED 525NM ROUND GREEN 3MM 32K的SPI总线串行EEPROM 32K SPI Bus Serial EEPROM 32K的SPI总线串行EEPROM Fuses, 4A 125V F CHIP 1206 32K的SPI总线串行EEPROM Fuses, 5A 125V F CHIP 1206 IC Socket Test Clip Connector Type:Plunger Type RoHS Compliant: Yes SENSOR PHOTOLOGIC REFLECTIVE Transformers Only Module Connector Adapter; Convert From:Phone Jack; Convert To:Double Banana Plug; Body Material:Brass; Body Style:Straight RoHS Compliant: Yes Fuses, 375mA 125V F CHIP 1206 Binding Post; Current Rating:3A; Body Material:Phosphor Bronze; Color:Black; Voltage Rating:2500V Fuses, 1.25A 125V F CHIP 1206 Fuses, 1A 125V F CHIP 1206 Fuses, 3.5A 125V F CHIP 1206 Filter Module w/out Resistor Network Fuses, 1.5A 125V F CHIP 1206 Fuses, 2.5A 125V F CHIP 1206
|
Microchip Technology, Inc. Microchip Technology Inc.
|
202750 202001 202002 202003 202004 202005 202015 2 |
Surface Mount Fuses Subminiature Surface Mount & Dip Types
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|